PART |
Description |
Maker |
MC100E155FN MC100E155FNR2 MC10E155FN MC10E155FNR2 |
5V ECL 6−Bit 2:1 Mux−Latch 10E SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28 5V ECL 6−Bit 2:1 Mux−Latch
|
ONSEMI[ON Semiconductor]
|
MC10E154-D |
5V ECL 5 Bit 2:1 Mux Latch
|
ON Semiconductor
|
MC100E156FN MC10E15606 MC10E156FNR2 MC10E156FNR2G |
5V ECL 3-Bit 4:1 Mux-Latch
|
ONSEMI[ON Semiconductor]
|
SY10E256JCTR SY10E256JC SY10E256 SY100E256 SY100E2 |
3-BIT 4:1 MUX-LATCH 10E SERIES, LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PQCC28
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
MC10E167-D |
5V ECL 6 Bit 2:1 Mux Register
|
ON Semiconductor
|
MC10E156 MC10E156FN CM10E156 MC100E156 MC100E156FN |
From old datasheet system 3-BIT 4:1 MUX-LATCH
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] Motorola, Inc
|
MC10E175-D |
5V ECL 9 Bit Latch With Parity
|
ON Semiconductor
|
MC100H603 MC100H603FN MC10H603 MC10H603FN ON0791 |
From old datasheet system 9-Bit Latch ECL/TTL Translator
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
SY100EP15V |
3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
|
MICREL
|
MC100EP80906 MC100EP809FAG MC100EPT2106 MC74VHCT02 |
Inverting Octal Bus Buffer; Package: SOEIAJ-20; No of Pins: 20; Container: Rail; Qty per Container: 40 AHCT/VHCT SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 PNP DIGITAL TRANSISTOR (BULT-IN RESISTORS) 3.3V ECL Programmable Delay Chip with FTUNE 5V ECL 8-Bit Scannable Register 3.3V ECL Phase?Frequency Detector Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal D?Type Flip?Flop with 3?State Output Octal D?Type Latch with 3?State Output 8?Bit Addressable Latch/1?of?8 Decoder CMOS Logic Level Shifter with LSTTL?Compatible Inputs Octal Bus Transceiver Quad 2?Channel Multiplexer Hex Schmitt Inverter Dual 2?to?4 Decoder/ Demultiplexer 3?to?8 Line Decoder Quad 2?Input NAND Schmitt Trigger Quad 2?Input AND Gate Hex Inverter Quad 2?Input NOR Gate 3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
|
ONSEMI[ON Semiconductor] UTC
|